Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download 2SC6087 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC6087
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6087
Power Amplifier Applications Power Switching Applications
Low collector emitter saturation voltage : VCE (sat) = 0.5 V (max)IC = 1A High-speed switching: tstg = 0.4 s (typ) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range DC Pulse Symbol VCBO VCEX VCEO VEBO IC ICP IB PC Tj Tstg Rating 160 160 80 7 2.5 5.0 1.0 1.3 150 -55150 Unit V V V V A A A W C C 1 : BASE 2 : COLLECTOR 3 : EMITTER
JEDEC JEITA TOSHIBA Weight:0.55g(typ)
2-8M1A
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2007-06-07
2SC6087
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain hFE (2) hFE (3) Collector emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Rise time VCE (sat) (1) VCE (sat) (2) VBE (sat) fT Cob tr IB1 Test Conditions VCB = 160 V, IE = 0 VEB = 7 V, IC = 0 IC = 10 mA, IB = 0 VCE = 2 V, IC = 1 mA VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 1 A IC = 0.5 A, IB = 50 mA IC = 1 A, IB = 100 mA IC = 1 A, IB = 100 mA VCE = 2 V, IC = 0.5 A VCB = 10 V, IE = 0,f = 1MHZ 20 s IB1 IB2 Output 24 Min 80 80 100 60 Typ. 150 14 0.05 Max 1 1 200 0.3 0.5 1.5 V V V MHZ pF Unit A A V
Input IB2
Switching time
Storage time
tstg
0.4
s
VCC = 24 V Fall time tf IB1 = -IB2 = 100 mA Duty cycle 1% 0.15
Marking
C6087
Part No. (or abbreviation code) Lot code A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2007-06-07
2SC6087
IC - VCE
2.5 2.5 500 200 100 50 2 Common emitter VCE = 2 V Pulse test
IC - VBE
(A)
2
(A)
20
IC
Collector current
Collector current
1.5
10
IC
Ta = 100 1.5 25 1 - 55
1
IB = 5 mA
0.5
Common emitter Ta = 25C Pulse test 1 2 3 4 5
0.5
0 0
0 0
0.5
1
1.5
2
Collector-emitter voltage
VCE
(V)
Base-emitter voltage
VBE
(V)
hFE - IC
1000 10
VCE (sat) - IC Collector-emitter saturation voltage VCE (sat) (V)
Common emitter IC/IB = 10 Pulse test
Ta = 100C
hFE
100
25 -55
1
DC current gain
10
0.1 25
Ta = 100C -55
Common emitter VCE = 2 V 1 Pulse test 0.001 0.01
0.1
1
10
0.01 0.001
0.01
0.1
1
10
Collector current
IC
(A)
Collector current
IC
(A)
fT - IC
1000 10
VBE (sat) - IC
Common emitter IC/IB = 10 Pulse test
fT (MHz)
100
10 5
Transition frequency
Base -emitter saturation voltage VBE (sat) (V)
1
-55
10 VCE = 2V Common emitter Ta = 25C Pulse test 1 0.001 0.01 0.1 1 10
25
Ta =100C
0.1 0.001
0.01
0.1
1
Collector current
IC
(A)
Collector current
IC
(A)
3
2007-06-07
2SC6087
rth - tw
1000
Transient thermal impedance rth (/W)
100
10
1 0.001
Curves should be applied in thermal limited area. single nonrepetitive pulse Ta = 25C 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
Safe Operating Area
10 IC max. (pulsed)* IC max. (continuous) 10 ms* 100 ms* 1 ms*
IC
(A)
1
Collector current
DC operation Ta=25 0.1
0.01
* Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. VCEO MAX. 10 100
0.001 0.1
1
Collector-emitter voltage
VCE (V)
4
2007-06-07
2SC6087
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2007-06-07


▲Up To Search▲   

 
Price & Availability of 2SC6087

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X